Part Number Hot Search : 
018EF01 1N758 C221J TND020 C221J ST25P16 8C216 M2M2C
Product Description
Full Text Search
 

To Download SUM110N06-06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SUM110N06-06
New Product
Vishay Siliconix
N-Channel 60-V (D-S), 175_C MOSFET
FEATURES PRODUCT SUMMARY
V(BR)DSS (V)
60
rDS(on) (W)
0.006
ID (A)
110a
D TrenchFETr Power MOSFET D 175_C Junction Temperature
APPLICATIONS
D Automotive Applications Such As: - ABS - EPS - Motor Drives D Industrial
D
TO-263
G
G
DS S N-Channel MOSFET
Top View SUM110N06-06
ABSOLUTE MAXIMUM RATINGS (TC = 25_C UNLESS OTHERWISE NOTED)
Parameter
Gate-Source Voltage Continuous Drain Current (TJ = 175_C) Pulsed Drain Current Avalanche Current Repetitive Avalanche Energyb Power Dissipation Operating Junction and Storage Temperature Range L = 0.1 mH TC = 25_C TA = 25_Cd PD TJ, Tstg TC = 25_C TC = 125_C ID IDM IAR EAR
Symbol
VGS
Limit
"20 110a 78 300 70 245 230c 3.75 -55 to 175
Unit
V
A
mJ W _C
THERMAL RESISTANCE RATINGS
Parameter
Junction-to-Ambient Junction-to-Case Notes a. Package limited. b. Duty cycle v 1%. c. See SOA curve for voltage derating. d. When mounted on 1" square PCB (FR-4 material). For SPICE model information via the Worldwide Web: http://www.vishay.com/www/product/spice.htm Document Number: 72082 S-22246--Rev. A, 25-Nov-02 www.vishay.com PCB Mountd
Symbol
RthJA RthJC
Limit
40 0.65
Unit
_C/W _
1
SUM110N06-06
Vishay Siliconix
New Product
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter Static
Drain-Source Breakdown Voltage Gate Threshold Voltage Gate-Body Leakage V(BR)DSS VGS(th) IGSS VGS = 0 V, ID = 250 mA VDS = VGS, ID = 250 mA VDS = 0 V, VGS = "20 V VDS = 48 V, VGS = 0 V Zero Gate Voltage Drain Current IDSS VDS = 48 V, VGS = 0 V, TJ = 125_C VDS = 48 V, VGS = 0 V, TJ = 175_C On-State Drain Currenta ID(on) VDS = 5 V, VGS = 10 V VGS = 10 V, ID = 30 A Drain-Source On-State Resistancea rDS(on) VGS = 10 V, ID = 30 A, TJ = 125_C VGS = 10 V, ID = 30 A, TJ = 175_C Forward Transconductancea gfs VDS = 15 V, ID = 30 A 30 120 0.0048 0.006 0.0105 0.013 S W 60 V 2.0 3.0 4.0 "100 1 50 250 A m mA nA
Symbol
Test Condition
Min
Typ
Max
Unit
Dynamicb
Input Capacitance Output Capacitance Reverse Transfer Capacitance Total Gate Chargec Gate-Source Chargec Gate-Drain Chargec Turn-On Delay Timec Rise Timec Turn-Off Delay Timec Fall Timec Ciss Coss Crss Qg Qgs Qgd td(on) tr td(off) tf VDD = 30 V, RL = 0.47 W ID ^ 75 A, VGEN = 10 V, RG = 2.5 W VDS = 30 V, VGS = 10 V, ID = 75 A VGS = 0 V, VDS = 25 V, f = 1 MHz 6000 720 370 90 30 25 20 90 40 10 30 140 60 20 ns 135 nC pF
Source-Drain Diode Ratings and Characteristics (TC = 25_C)b
Continuous Current Pulsed Current Forward Voltagea Reverse Recovery Time Peak Reverse Recovery Current Reverse Recovery Charge IS ISM VSD trr IRM(REC) Qrr IF = 75 A, di/dt = 100 A/ms m IF = 75 A , VGS = 0 V 1.0 75 3 0.113 110 A 300 1.5 125 5 0.313 V ns A mC
Notes a. Pulse test: pulse width v 300 msec, duty cycle v 2%. b. Guaranteed by design, not subject to production testing. c. Independent of operating temperature.
www.vishay.com S FaxBack 408-970-5600
2
Document Number: 72082 S-22246--Rev. A, 25-Nov-02
SUM110N06-06
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
Output Characteristics
250 6V 200 I D - Drain Current (A) VGS = 10 thru 7 V I D - Drain Current (A) 200 250
Vishay Siliconix
Transfer Characteristics
150
150
100 5V 50 3, 4 V 0 0 2 4 6 8 10
100 TC = 125_C 50 25_C -55 _C 0 0 1 2 3 4 5 6 7
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Transconductance
150 TC = -55_C 120 g fs - Transconductance (S) 25_C r DS(on) - On-Resistance ( ) 0.008 0.010
On-Resistance vs. Drain Current
90
125_C
0.006
VGS = 10 V
60
0.004
30
0.002
0 0 15 30 45 60 75 90
0.000 0 20 40 60 80 100 120
VGS - Gate-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
8000 7000 V GS - Gate-to-Source Voltage (V) 6000 5000 4000 3000 2000 Coss 1000 0 Crss 0 10 20 30 40 50 60 Ciss 16 20
Gate Charge
VDS = 30 V ID = 75 A
C - Capacitance (pF)
12
8
4
0 0 30 60 90 120 150 180
VDS - Drain-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
Document Number: 72082 S-22246--Rev. A, 25-Nov-02
www.vishay.com
3
SUM110N06-06
Vishay Siliconix
New Product
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
On-Resistance vs. Junction Temperature
2.5 VGS = 10 V ID = 30 A r DS(on) - On-Resistance (W) (Normalized) 2.0 I S - Source Current (A) 100
Source-Drain Diode Forward Voltage
1.5
10
TJ = 150_C
TJ = 25_C
1.0
0.5
0.0 -50
-25
0
25
50
75
100
125
150
175
1 0
0.3
0.6
0.9
1.2
TJ - Junction Temperature (_C)
VSD - Source-to-Drain Voltage (V)
Avalanche Current vs. Time
1000 80
Drain Source Breakdown vs. Junction Temperature
76 100 I Dav (a) IAV (A) @ TA = 25_C 10 V (BR)DSS (V) 72
ID = 10 mA
68 1
IAV (A) @ TA = 150_C
64
0.1 0.00001 0.0001 0.001 0.01 0.1 1
60 -50
-25
0
25
50
75
100
125
150
175
tin (Sec)
TJ - Junction Temperature (_C)
www.vishay.com S FaxBack 408-970-5600
4
Document Number: 72082 S-22246--Rev. A, 25-Nov-02
SUM110N06-06
New Product
THERMAL RATINGS
Maximum Avalanche and Drain Current vs. Case Temperature
120 1000 10 ms 100 I D - Drain Current (A) 80 I D - Drain Current (A) Limited by rDS(on) 10 1 ms 10 ms dc, 100 ms 1 20 TC = 25_C Single Pulse 100 ms
Vishay Siliconix
Safe Operating Area, Junction-to-Case
100
60
40
0 0 25 50 75 100 125 150 175
0.1 0.1 1 10 100
TC - Ambient Temperature (_C)
VDS - Drain-to-Source Voltage (V)
Normalized Thermal Transient Impedance, Junction-to-Case
2 1 Normalized Effective Transient Thermal Impedance
Duty Cycle = 0.5
0.2 0.1 0.1 0.02 Single Pulse 0.05
0.01 10- 4 10- 3 10- 2 Square Wave Pulse Duration (sec) 10- 1 1
Document Number: 72082 S-22246--Rev. A, 25-Nov-02
www.vishay.com
5


▲Up To Search▲   

 
Price & Availability of SUM110N06-06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X